PART |
Description |
Maker |
DBCUSB2BSPW DBCUSB2BSPB |
USB 2.0 CONNECTORS SINGLE PORT PCB-B
|
Dubilier
|
DBCUSB2BSPB DBCUSB2BSPSMTB DBCUSB2BSPSMTW DBCUSB2B |
USB 2.0 CONNECTORS SINGLE PORT PCB-A
|
Dubilier
|
DBCUSB2ASPTB DBCUSB2ASPTW |
USB 2.0 CONNECTORS SINGLE PORT PCB-A (T)
|
Dubilier
|
HL01R05S15Y HL01R05S15Y/H HL01R12D05Y HL01R12D05Y/ |
0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1170-9 00; No. of Positions: 80; Stack Height (mm): 0.9; Operating Temperature Range (degrees C): -35 to 85; General Description: Only Insulation housing 0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1293-9 00; No. of Positions: 40; Operating Temperature Range (degrees C): -35 to 85; General Description: Only Insulation housing 0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1274-4 81; Contact Mating Area Plating: Gold 3.3mm contact spacing internal power supply small connectors; HRS No: 676-1011-0 00; No. of Positions: 4; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Double row retainer 模拟IC Analog IC 模拟IC 3.3mm contact spacing internal power supply small connectors; HRS No: 676-1030-5 00; No. of Positions: 6; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Single row retainer
|
SCHURTER AG Electronic Theatre Controls, Inc.
|
IL-WX-10PB-VFHD-S-B-E1000 IL-WX-10PB-HFHD-S-B-E100 |
0.8MM9.031)CONTACT SPACING PCB-TO-PCB SMT CONNECTORS
|
Japan Aviation Electronics Industry, Ltd.
|
832-10-016-20-001 832-10-016-10-001 832-90-016-20- |
PCB connectors 2.0 mm Single row / double row Solder tail
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
890-19-024-10-811 |
PCB connectors 2.54 mm Single row / double row Solder tail
|
Precid-Dip Durtal
|
803-93-016-10-003 |
PCB connectors 2.54 mm Single row / double row Solder tail
|
Precid-Dip Durtal
|
890-90-024-20-904 890-90-024-20-903 890-90-024-20- |
PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
714-93-108-31-018 714-99-108-31-018 714-91-108-31- |
PCB connectors carrier assemblies 2.54 mm Single row / double row Solder tail / press-fit 电路板连接器组件2.54毫米承运人单双列焊尾/压接
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
62100-5300 76001-0106 76001-0110 64001-1500 64001- |
Mezzanine PCB Connectors
|
MolexKits
|